| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF3433-EP bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3433-EP bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 31 page ![]() 9.4 Device Functional Modes 9.4.1 EN Pin When the EN pin of the REF34xx is pulled high, the device is in active mode. The device must be in active mode for normal operation. The REF34xx can be placed in a low-power mode by pulling the enable pin, EN, low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of the device reduces to 2 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage. See the Section 7.5 for logic high and logic low voltage levels. 9.4.2 Negative Reference Voltage For applications requiring a negative and positive reference voltage, the REF34xx and OPA735 can be used to provide a dual-supply reference from a 5-V supply. Figure 9-1 shows the REF34xx used to provide a 2.5-V supply reference voltage. The low drift performance of the REF34xx complements the low offset voltage and zero drift of the OPA735 to provide an accurate solution for split-supply applications. Take care to match the temperature coefficients of R1 and R2. -2.5 V +2.5 V +5 V 1 2 5 6 3 4 R 1 10 kΩ R 2 10 kΩ -5 V +5 V OPA735 REF3425 Copyright © 2017, Texas Instruments Incorporated Figure 9-1. REF34xx and OPA735 Create Positive and Negative Reference Voltages REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021 www.ti.com 18 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |