| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF3433-EP bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3433-EP bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 31 page ![]() 9 Detailed Description 9.1 Overview The REF34xx is family of low-noise, precision bandgap voltage references that are specifically designed for excellent initial voltage accuracy and drift. The Section 9.2 is a simplified block diagram of the REF34xx showing basic band-gap topology. 9.2 Functional Block Diagram Bandgap core Buffer Digital Enable Blocks Inrush EN IN GNDF OUTS Current Vdd GNDS OUTF Limit 9.3 Feature Description 9.3.1 Supply Voltage The REF34xx family of references features an extremely low dropout voltage. For loaded conditions, a typical dropout voltage versus load is shown on the front page. The REF34xx features a low quiescent current that is extremely stable over changes in both temperature and supply. The typical room temperature quiescent current is 72 μA, and the maximum quiescent current over temperature is just 95 μA. Supply voltages below the specified levels can cause the REF34xx to momentarily draw currents greater than the typical quiescent current. Use a power supply with a fast rising edge and low output impedance to easily prevent this issue. 9.3.2 Low Temperature Drift The REF34xx is designed for minimal drift error, which is defined as the change in output voltage over temperature. The drift is calculated using the box method, as described by Equation 3. For this equation, VREF is VOUT which is the output voltage seen at the junction of OUT_F and OUT_S. REF(MAX) REF(MIN) 6 REF(25 C) V V Drift 10 V Temperature Range q § · u ¨ ¸ ¨ ¸ u © ¹ (3) 9.3.3 Load Current The REF34xx family is specified to deliver a current load of ±10 mA per output. The device temperature increases according to Equation 4: J A D JA T T P R T u (4) where • TJ = junction temperature (°C), • TA = ambient temperature (°C), • PD = power dissipated (W), and • RθJA = junction-to-ambient thermal resistance (°C/W) The REF34xx maximum junction temperature must not exceed the absolute maximum rating of 150°C. www.ti.com REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 17 Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |