| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AXC2T45 bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74AXC2T45 bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 30 page ![]() 10 Power Supply Recommendations Always apply a ground reference to the GND pins first. This device is designed for glitch free power sequencing without any supply sequencing requirements such as ramp order or ramp rate. This device is designed with various power supply sequencing methods in mind to help prevent unintended triggering of downstream devices. For more information regarding the power up glitch performance of the AXC family of level translators, see the Glitch Free Power Sequencing With AXC Level Translators application report. 11 Layout 11.1 Layout Guidelines To ensure reliability of the device, following common printed-circuit board layout guidelines are recommended: • Use bypass capacitors on the power supply pins and place them as close to the device as possible. A 0.1 µF capacitor is recommended, but transient performance can be improved by having both 1 µF and 0.1 µF capacitors in parallel as bypass capacitors. • Use short trace lengths to avoid excessive loading. 11.2 Layout Example B2 GND VCCA B1 A2 VCCB DIR A1 1 2 3 4 8 7 6 5 CAT ERR to Co ntroller PROC HOT to Co ntroller 0.1µF 0402 0.1µF 0402 G G G B A PROC HOT fro m CPU CAT ERR fro m CPU SN74AXC2T45DCU Copper Traces Via to VCCB Via to VCCA Via to GND A B G Legend G www.ti.com SN74AXC2T45-Q1 SCES928A – APRIL 2021 – REVISED SEPTEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: SN74AXC2T45-Q1 |