công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWPR1024IZVHT bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện MWPR1024IZVHT
Giải thích chi tiết về linh kiện  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button MWPR1024IZVHT Datasheet HTML 5Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 6Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 7Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 8Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 9Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 10Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 11Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 12Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
• An external inductor is required to support the Buck or Boost modes
• The DC-DC Converter 1.8 V output current drive for external devices (MCU in
RUN mode, Radio is enabled, other peripherals are disabled)
• Up to 44 mA in buck mode with VDD_1P8 = 1.8 V
• Up to 31.4 mA in buck mode with VDD_1P8 = 3.0 V
Direct Memory Access (DMA) Controller
• All data movement via dual-address transfers: read from source, write to
destination
• Programmable source and destination addresses and transfer size
• Support for enhanced addressing modes
• 4-channel implementation that performs complex data transfers with minimal
intervention from a host processor
• Internal data buffer, used as temporary storage to support 16- and 32-byte
transfers
• Connections to the crossbar switch for bus mastering the data movement
• Transfer control descriptor (TCD) organized to support two-deep, nested transfer
operations
• 32-byte TCD stored in local memory for each channel
• An inner data transfer loop defined by a minor byte transfer count
• An outer data transfer loop defined by a major iteration count
• Channel activation via one of three methods:
• Explicit software initiation
• Initiation via a channel-to-channel linking mechanism for continuous
transfers
• Peripheral-paced hardware requests, one per channel
• Fixed-priority and round-robin channel arbitration
• Channel completion reported via optional interrupt requests
• One interrupt per channel, optionally asserted at completion of major iteration
count
• Optional error terminations per channel and logically summed together to form
one error interrupt to the interrupt controller
• Optional support for scatter/gather DMA processing
• Support for complex data structures
DMA Channel Multiplexer (DMA MUX)
• 4 independently selectable DMA channel routers
• 2 periodic trigger sources available
• Each channel router can be assigned to 1 of the peripheral DMA sources
Feature Descriptions
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
9
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com