công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWPR1024IZVHT bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện MWPR1024IZVHT
Giải thích chi tiết về linh kiện  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button MWPR1024IZVHT Datasheet HTML 2Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 3Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 4Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 5Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 6Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 7Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 8Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 9Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
3.1 Block Diagram
DCDC
VDCDC_IN
Crossbar-Lite Switch (XBS)
SRAM
Flash
Arm Cortex M0+ Core
NVIC
WIC
IOPORT
DAP
MTB
GPIO
BME
Flash
AIPS-Lite
MDM
DWT
RTC
LPTMR
PIT
SIM
RCM
PMC
SMC
LPUART
ADC
Unified Bus
M0
S0
S1
Serial Wire Debug
IPS
AHBLite
S2
Controller
IPS
32K Osc
MCG
FLL
IRC
32 kHz
IRC
4 MHz
DMA MUX
4ch DMA
AHBLite
CMP
DAC
TPM x3
26M or
32M OSC
VREF
I2C x2
CMT
512/256 KB
128/64 KB
TSI
TRNG
APB
SPI x2
M2A
Radio
Figure 2. MWPR1x24 Detailed Block Diagram
3.2 Radio features
Operating frequencies:
• 2.4 GHz ISM band (2400-2483.5 MHz)
• MBAN 2360-2400 MHz
Supported standards:
• Bluetooth v4.2 Low Energy compliant 1 Mbps GFSK modulation supporting up to
2 simultaneous connections in hardware (master-slave, master-master, slave-slave)
• Bluetooth Low Energy (Bluetooth LE) Application Profiles
Receiver performance:
• Receive sensitivity of -95 dBm for Bluetooth LE
Other features:
• Programmable transmit output power from -30 dBm to 3.5 dBm
• Integrated on-chip balun
• Single ended bidirectional RF port shared by transmit and receive
• Low external component count
• Supports transceiver range extension using external PA and/or LNA
Feature Descriptions
6
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com