công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPC3421 bảng dữ liệu(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DLPC3421
Giải thích chi tiết về linh kiện  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 bảng dữ liệu(HTML) 59 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 55Page - Texas Instruments DLPC3421 Datasheet HTML 56Page - Texas Instruments DLPC3421 Datasheet HTML 57Page - Texas Instruments DLPC3421 Datasheet HTML 58Page - Texas Instruments DLPC3421 Datasheet HTML 59Page - Texas Instruments DLPC3421 Datasheet HTML 60Page - Texas Instruments DLPC3421 Datasheet HTML 61Page - Texas Instruments DLPC3421 Datasheet HTML 62Page - Texas Instruments DLPC3421 Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Active Pixels Per Line
(APPL)
Defines the number of pixel clocks in a line containing displayable data. APPL is a
subset of the TPPL.
Horizontal Back Porch
(HBP) Blanking
Defines the number of blank pixel clocks after the active edge of horizontal sync but
before the first active pixel.
Horizontal Front Porch
(HFP) Blanking
Defines the number of blank pixel clocks after the last active pixel but before
horizontal sync.
Horizontal Sync (HS or
Hsync)
Timing reference point that defines the start of each horizontal interval (line). The
active edge of the HS signal defines the absolute reference point. The active edge
(either rising or falling edge as defined by the source) is the reference from which all
horizontal blanking parameters are measured.
Total Lines Per Frame
(TLPF)
Total number of active and inactive lines per frame; defines the vertical period (or
frame time).
Total
Pixel
Per
Line
(TPPL)
Total number of active and inactive pixel clocks per line; defines the horizontal line
period in pixel clocks.
Vertical Sync (VS or
Vsync)
Timing reference point that defines the start of the vertical interval (frame). The
absolute reference point is defined by the active edge of the VS signal. The active
edge (either rising or falling edge as defined by the source) is the reference from
which all vertical blanking parameters are measured.
Vertical
Back
Porch
(VBP) Blanking
Defines the number of blank lines after the active edge of vertical sync but before
the first active line.
Vertical
Front
Porch
(VFP) Blanking
Defines the number of blank lines after the last active line but before the active edge
of vertical sync.
Vertical Back Porch (VBP)
Vertical Front Porch (VFP)
Horizontal
Back
Porch
(HBP)
Horizontal
Front
Porch
(HFP)
TLPF
TPPL
APPL
ALPF
Figure 11-1. Parameter Definitions
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com