| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 723 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 723 Page - Renesas Technology Corp |
|
723 / 923 page ![]() 685 User program mode ; ;; ;;; 3. Initializing the flash memory Execute the Programming/erase program in RAM to initialize (to H'FF) the flash memory. Erase is executed in block units, but cannot be executed in byte units. HOST HOST HOST HOST Programming/erase control program New application program New application program New application program LSI LSI LSI Boot program Flash memory FWP verify program Transfer program Application program (old version) RAM Boot program Flash memory FWP verify program Transfer program RAM SCI Boot program Flash memory FWP verify program Transfer program Application program (old version) RAM LSI Boot program <Flash memory> FWP verify program Transfer program RAM SCI SCI SCI Programming control program ;;; Programming control program Programming control program Program execution state New application program Flash memory erase 4. Writing new application program Next, the new application program in the host is written into the erased flash memory blocks. Do not write to unerased blocks. 1. Initial state The FWP assessment program that confirms that user program mode has been entered, and the program that will transfer the programming/erase control program from flash memory to on-chip RAM should be written into the flash memory by the user beforehand. The programming/erase control program should be prepared in the host or in the flash memory. 2. Programming/erase control program transfer When user program mode is entered, user software confirms this fact, executes transfer program in the flash memory, and transfers the programming/erase control program to RAM. Figure 22.4 User Program Mode |