| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 722 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 722 Page - Renesas Technology Corp |
|
722 / 923 page ![]() 684 22.2.3 Onboard Program Mode Boot mode ;; ;; ;; ;; ;; ; ;; ;; New application program New application program New application program Program Program Program Program LSI LSI Boot program Boot program LSI LSI Boot program Flash memory Application version (old version) Boot program Flash memory Flash memory Application version (old version) RAM Flash memory RAM RAM RAM SCI1 SCI1 SCI1 SCI1 HOST HOST HOST HOST Boot program area Boot program area Boot program area 3. Initializing the flash memory To initialize (to H'FF) the flash memory, execute the erase program located in the boot program area (within RAM). During the boot mode, the entire flash memory is erased, regardless of blocks. 4. Writing the new application program Execute the program transferred to RAM from the host and write the new application program located at the transfer destination to the flash memory. Erasing the flash memory New application program Program execution state 1. Initial state The old program version or data remains written in the flash memory. The user should prepare the programming control program and new application program beforehand in the host. 2. Programming control program transfer When boot mode is entered, the boot program in the LSI (originally incorporated in the chip) is started and the programming control program in the host is transferred to RAM via SCI communication. The boot program required for flash memory erasing is automatically transferred to the RAM boot program area. Figure 22.3 Boot Mode |