| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 599 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 599 Page - Renesas Technology Corp |
|
599 / 923 page ![]() 561 15.4.9 A/D Conversion Time The high speed A/D converter has an on-chip sample and hold circuit. The high speed A/D converter samples the input at time t D after the ADST bit is set to 1, and then starts the conversion. The A/D conversion time t CONV is the sum of the conversion start delay time tD, the input sampling time t SPL, and the operating time tCP. This conversion time is not a set value, but is decided by the t D ADCSR write timing, or the timer conversion start trigger generation timing. Figure 15.13 shows an example of A/D conversion timing. Table 15.7 lists A/D conversion times. Address Write signal ADST Sampling timing φ ADF tD tCONV tSPL tCP t D: t SPL: t CONV: t CP: A/D conversion start delay time Input sampling time A/D conversion time Operation time Figure 15.13 A/D Conversion Timing |