| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp |
|
558 / 923 page ![]() 520 Figures 14.14 and 14.15 show examples of SCI receive operation using a multiprocessor format. RDRF MPIE RDR value ID1 RxI interrupt request (multiprocessor interrupt), MPIE = 0 RxI interrupt handler reads data in RDR and clears RDRF to 0 Not station’s ID, so MPIE is set to 1 again No RxI interrupt, RDR maintains state 01 1 1 10 1 Serial data Start bit Stop bit Start bit Stop bit Idling (marking) D0 D1 D7 D0 D1 D7 0 MPB MPB MPB Data (ID1) Data (data 1) Figure 14.14 SCI Receive Operation (ID Does Not Match) |