| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 410 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 410 Page - Renesas Technology Corp |
|
410 / 923 page ![]() 372 • Counter clearing by another channel In complementary PWM mode, by setting a mode for synchronization with another channel by means of the timer synchro register (TSYR), and selecting synchronous clearing with bits CCLR2–CCLR0 in the timer control register (TCR), it is possible to have TCNT3, TCNT4, and TCNTS cleared by another channel. Figure 12.54 illustrates the operation. Use of this function enables counter clearing and restarting to be performed by means of an external signal. TGR3A TCDR TDDR H'0000 Channel 1 input capture A TCNT1 TCNT3 TCNT4 TCNTS Synchronous counter clearing by channel 1 input capture A Figure 12.54 Counter Clearing Synchronized with Another Channel |