| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX8MMIEC bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MMIEC bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 92 page ![]() Modules list i.MX 8M Mini Applications Processor Datasheet for Industrial Products, Rev. 1, 07/2020 NXP Semiconductors 13 Table 5 shows recommended connections for unused signal contacts/interfaces. USB1 and USB2 VDD_USB_0P8, VDD_USB_1P8, VDD_USB_3P3 Leave unconnected VPU VDD_VPU Leave unconnected GPU VDD_GPU Leave unconnected Digital I/O supplies NVCC_CLK, NVCC_ECSPI, NVCC_ENET, NVCC_GPIO1, NVCC_I2C, NVCC_JTAG, NVCC_NAND, NVCC_SAI1, NVCC_SAI2, NVCC_SAI3, NVCC_SAI5, NVCC_SD1, NVCC_SD2, NVCC_UART, NVCC_SNVS_1P8, PVCC0_1P8, PVCC1_1P8, PVCC2_1P8 All digital I/O supplies listed in this table must be powered under normal conditions whether the associated I/O pins are in use or not, and associated I/O pins need to enable pull in pad control register to limit any floating gate current. Table 5. Recommended connections for unused signal contacts/interfaces Function Ball Name Recommendations if Unused MIPI-CSI MIPI_CSI_CLK_P, MIPI_CSI_CLK_N, MIPI_CSI_Dx_P, MIPI_CSI_Dx_N Tie all signals to ground MIPI-DSI MIPI_VREG_CAP, MIPI_DSI_CLK_P, MIPI_DSI_CLK_N, MIPI_DSI_Dx_P, MIPI_DSI_Dx_N Leave unconnected PCIe PCIE_CLK_P, PCIE_CLK_N, PCIE_TXN_P, PCIE_TXN_N, PCIE_RXN_P, PCIE_RXN_N, PCIE_RESREF Leave unconnected USB1 USB1_VBUS, USB1_DN, USB1_DP, USB1_ID, USB1_TXRTUNE Leave unconnected USB2 USB2_VBUS, USB2_DN, USB2_DP, USB2_ID, USB2_TXRTUNE Leave unconnected Table 4. Recommended connections for unused power supply rails (continued) Function Ball Name Recommendations if Unused |