công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8MMIEC bảng dữ liệu(PDF) 65 Page - NXP Semiconductors

tên linh kiện IMX8MMIEC
Giải thích chi tiết về linh kiện  i.MX 8M Mini Applications Processor Datasheet for Industrial Products
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MMIEC bảng dữ liệu(HTML) 65 Page - NXP Semiconductors

Back Button IMX8MMIEC Datasheet HTML 61Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 62Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 63Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 64Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 65Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 66Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 67Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 68Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Electrical characteristics
i.MX 8M Mini Applications Processor Datasheet for Industrial Products, Rev. 1, 07/2020
NXP Semiconductors
65
3.9.13 UART I/O configuration and timing parameters
3.9.13.1 UART RS-232 I/O configuration in different modes
The i.MX 8M Mini UART interfaces can serve both as DTE or DCE device. This can be configured by
the DCEDTE control bit (default 0—DCE mode). Table 58 shows the UART I/O configuration based on
the enabled mode.
3.9.13.2 UART RS-232 Serial mode timing
This section describes the electrical information of the UART module in the RS-232 mode.
3.9.13.2.1 UART transmitter
Figure 45 depicts the transmit timing of UART in the RS-232 Serial mode, with 8 data bit/1 stop bit
format. Table 59 lists the UART RS-232 Serial mode transmit timing characteristics.
Figure 45. UART RS-232 Serial mode transmit timing diagram
Table 58. UART I/O configuration vs. mode
Port
DTE Mode
DCE Mode
Direction
Description
Direction
Description
UARTx_RTS_B
Output
UARTx_RTS_B from DTE to DCE
Input
UARTx_RTS_B from DTE to DCE
UARTx_CTS_B
Input
UARTx_CTS_B from DCE to DTE
Output
UARTx_CTS_B from DCE to DTE
UARTx_TX_DATA
Input
Serial data from DCE to DTE
Output
Serial data from DCE to DTE
UARTx_RX_DATA
Output
Serial data from DTE to DCE
Input
Serial data from DTE to DCE
Table 59. RS-232 Serial mode transmit timing parameters
ID
Parameter
Symbol
Min
Max
Unit
UA1
Transmit Bit Time
tTbit
1/Fbaud_rate
1 - T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
Start
Bit
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
UARTx_TX_DATA
(output)
Bit 3
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA1
UA1
UA1
UA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com