| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD1865 bảng dữ liệu(PDF) 46 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
CD1865 bảng dữ liệu(HTML) 46 Page - Intel Corporation |
|
46 / 150 page ![]() CD1865 — Intelligent Eight-Channel Communications Controller 46 Datasheet 6.0 System Bus Interface and System Clock Figure 14. Internal Block Diagram CPU ROM RAM I/O PINS (MODEM CONTROL) TRANSMIT SERVICE REQUEST QUEUE RECEIVE SERVICE REQUEST QUEUE MODEM SERVICE REQUEST QUEUE BUS INTERFACE SERVICE REQUEST LOGIC RTS* CTS* DTR* DSR* CD* 5 LINES 5 LINES 5 LINES 5 LINES 5 LINES 5 LINES 5 LINES CS* DS* R/W DTACK* INTEL/MOT* RESET* CLK DBLCLK NO_OSC OSC1 OSC2 ADR[0–6] DATA[1–7] RXDATA TXDATA RREQ* TREQ* MREQ* ACKOUT* ACKIN* PER CHANNEL TIMER RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS INTERRUPT HANDLER ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RECEIVE BIT TRANSMIT BIT DUAL-BAUD RATE GENERATORS ENGINE ENGINE RXDATA TXDATA RXDATA TXDATA RXDATA TXDATA RXDATA TXDATA RXDATA TXDATA RXDATA TXDATA RXDATA TXDATA |