công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD1865 bảng dữ liệu(PDF) 45 Page - Intel Corporation

tên linh kiện CD1865
Giải thích chi tiết về linh kiện  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 bảng dữ liệu(HTML) 45 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 41Page - Intel Corporation CD1865 Datasheet HTML 42Page - Intel Corporation CD1865 Datasheet HTML 43Page - Intel Corporation CD1865 Datasheet HTML 44Page - Intel Corporation CD1865 Datasheet HTML 45Page - Intel Corporation CD1865 Datasheet HTML 46Page - Intel Corporation CD1865 Datasheet HTML 47Page - Intel Corporation CD1865 Datasheet HTML 48Page - Intel Corporation CD1865 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
45
devices. In multiple-device systems, either disable daisy chaining on all devices and ‘fish’ each
individually, or disable daisy chaining on the last device only and ‘fish’ the device at the beginning
of the chain.
Both methods of acknowledging service requests can be used interchangeably. It is usually
advantageous to use Mixed mode. For example, after receiving an interrupt and servicing it in the
normal manner, the host should read the Service Request Status register (SRSR) to see if other
requests are pending. If so, the host can acknowledge by reading the appropriate Request
Acknowledge register (RRAR, TRAR, and MRAR) and proceed to service the request. This avoids
the time required for the host to exit its interrupt routine, only to re-enter it immediately for the next
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More