| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCIMX6DP6AVT2AB bảng dữ liệu(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX6DP6AVT2AB bảng dữ liệu(HTML) 89 Page - NXP Semiconductors |
|
89 / 168 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 NXP Semiconductors 89 Power-up time for the HDMI 3D Tx PHY while operating with the fastest input reference clock supported (340 MHz) is 133 μs. 4.12.7.2 Electrical Characteristics The table below provides electrical characteristics for the HDMI 3D Tx PHY. The following three figures illustrate various definitions and measurement conditions specified in the table below. Figure 50. Driver Measuring Conditions Figure 51. Driver Definitions Figure 52. Source Termination Table 59. Electrical Characteristics Symbol Parameter Condition Min Typ Max Unit Operating conditions for HDMI avddtmds Termination supply voltage — 3.15 3.3 3.45 V |