| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2641 bảng dữ liệu(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2641 bảng dữ liệu(HTML) 58 Page - Microchip Technology |
|
58 / 60 page ![]() USB2640/USB2641 DS00001947C-page 58 2015-2021 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB2640, USB2641 Temperature Range: Blank = 0 C to +85C (Extended Commercial) Package: HZH = 48-pin QFN PART NO. [X] XXX Package Temperature Range Device [X] Internal Microchip Code - - Examples: USB2640-HZH-02 48-pin QFN RoHS Compliant package, Commercial Temp, Tray USB2641-HZH-02 48-pin QFN RoHS Compliant package, Commercial Temp, Tray |