công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS670M-03ILF bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems

tên linh kiện ICS670M-03ILF
Giải thích chi tiết về linh kiện  LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-03ILF bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems

  ICS670M-03ILF Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 5Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
MDS 670-03 G
5
Revision 010306
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS670-03
Figure 1. Skew from ICLK to CLK2, with change in load capacitance (VDD = 3.3V)
Adjusting Input/Output Skew
The data in Figure 1 can be used to adjust individual circuit characteristics and achieve the minimum
possible skew between ICLK and CLK2. With a 125 MHz output, for example, having a total load
capacitance of 15 pF will result in nearly zero skew between ICLK and CLK2. Note that the load
capacitance includes board trace capacitance, input capacitance of the load being driven by the
ICS670-03, and any additional capacitors connected to CLK2.
Figure 2. Phase Noise at 125 MHz out, 25 MHz clock input (VDD = 3.3V)
-400
-300
-200
-100
0
100
200
300
25
50
75
100
125
150
CLK2 Frequency (MHz)
Skew (ps) 20 pF
Skew (ps) 10 pF
ICS670 Phase noise
-140
-120
-100
-80
-60
-40
-20
0
10.E+0
100.E+0
1.E+3
10.E+3
100.E+3
1.E+6
10.E+6
offset frequency



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com