công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS670M-03ILF bảng dữ liệu(PDF) 1 Page - Integrated Circuit Systems

tên linh kiện ICS670M-03ILF
Giải thích chi tiết về linh kiện  LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-03ILF bảng dữ liệu(HTML) 1 Page - Integrated Circuit Systems

  ICS670M-03ILF Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 5Page - Integrated Circuit Systems ICS670M-03ILF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS670-03
MDS 670-03 G
1
Revision 010306
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Description
The ICS670-03 is a high speed, low phase noise, Zero
Delay Buffer (ZDB) which integrates ICS’ proprietary
analog/digital Phase Locked Loop (PLL) techniques. It
is identical to the ICS670-01, but with an increased
maximum output frequency of 210 MHz. Part of ICS’
ClockBlocksTM family, the part’s zero delay feature
means that the rising edge of the input clock aligns with
the rising edges of the outputs giving the appearance of
no delay through the device. There are two identical
outputs on the chip. The FBCLK should be used to
connect to the FBIN. Each output has its own output
enable pin.
The ICS670-03 is ideal for synchronizing outputs in a
large variety of systems, from personal computers to
data communications to video. By allowing off-chip
feedback paths, the ICS670-03 can eliminate the delay
through other devices. The 15 different on-chip
multipliers work in a variety of applications. For other
multipliers, including functional multipliers, see the
ICS527.
Features
• Packaged in 16-pin SOIC
• Available in Pb (lead) free package
• Clock inputs from 5 to 210 MHz (see page 2)
• Patented PLL with low phase noise
• Output clocks up to 210 MHz at 3.3V
• 15 selectable on-chip multipliers
• Power down mode available
• Low phase noise: -124 dBc/Hz at 10 kHz
• Output enable function tri-states outputs
• Low jitter 15 ps one sigma
• Advanced, low power, sub-micron CMOS process
• Industrial temperature rated
• Operating voltage of 3.3 V or 5 V
Block Diagram
Divide by
N
Voltage
Controlled
Oscillator
FB C L K
OE 1
Phase
Detector,
Charge
Pump, and
Loop Filter
FB I N
S3 :S 0
IC L K
CL K2
4
OE 2
VDD
3
GND
3
E x te rn al Fe ed ba ck f r om FB C L K is r e com m e nd ed .


Số phần tương tự - ICS670M-03ILF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
ICS670M-01 ICST-ICS670M-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670M-01I ICST-ICS670M-01I Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670M-01IT ICST-ICS670M-01IT Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670M-01T ICST-ICS670M-01T Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670M-02 ICST-ICS670M-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
More results

Mô tả tương tự - ICS670M-03ILF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com