công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8QXPIEC bảng dữ liệu(PDF) 85 Page - NXP Semiconductors

tên linh kiện IMX8QXPIEC
Giải thích chi tiết về linh kiện  i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8QXPIEC bảng dữ liệu(HTML) 85 Page - NXP Semiconductors

Back Button IMX8QXPIEC Datasheet HTML 81Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 82Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 83Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 84Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 85Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 86Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 87Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 88Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
Electrical characteristics
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
85
4.10.8.5 MIPI-DSI LP-RX specifications
δV/δtSR1,5,6,7 Slew Rate @ CLOAD= 0 pF
30
—
500 mV/ns
Slew Rate @ CLOAD= 5 pF
30
—
200 mV/ns
Slew Rate @ CLOAD= 20 pF
30
—
150 mV/ns
Slew Rate @ CLOAD= 70 pF
30
—
100 mV/ns
CLOAD
Load Capacitance
0
—
70
pF
1 CLOAD includes the low equivalent transmission line capacitance. The capacitance of TX and RX are assumed to always be <
10 pF. The distributed line capacitance can be up to 50 pF for a transmission line with 2 ns delay.
2 The rise-time of TREOT starts from the HS common-level at the moment of the differential amplitude drops below 70 mV, due
to stopping the differential drive.
3 With an additional load capacitance CCM between 0 to 60 pF on the termination center tap at RX side of the lane.
4 This parameter value can be lower then TLPX due to differences in rise vs. fall signal slopes and trip levels and mismatches
between Dp and Dn LP transmitters. Any LP exclusive-OR pulse observed during HS EoT (transition from HS level to LP-11)
is glitch behavior as described in Low-Power Receiver section.
5 When the output voltage is between 15% and below 85% of the fully settled LP signal levels.
6 Measured as average across any 50 mV segment of the output signal transition.
7 This value represents a corner point in a piecewise linear curve.
Table 85. MIPI low power receiver DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIH
Logic 1 input voltage
880
—
1.3
mV
VIL
Logic 0 input voltage, not in ULP state
—
—
550
mV
VIL-ULPS
Logic 0 input voltage, ULP state
—
—
300
mV
VHYST
Input hysteresis
25
—
—
mV
Table 86. MIPI low power receiver AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
eSPIKE1,2
1 Time-voltage integration of a spike above VIL when in LP-0 state or below VIH when in LP-1 state.
2 An impulse below this value will not change the receiver state.
Input pulse rejection
—
—
300
V.ps
TMIN-RX3
3 An input pulse greater than this value shall toggle the output.
Minimum pulse width response
20
—
—
ns
VINT
Peak Interference amplitude
—
—
200
mV
fINT
Interference frequency
450
—
—
MHz
Table 84. MIPI low-power transmitter AC specifications (continued)
Symbol
Parameter
Min Typ Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com