công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8QXPIEC bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện IMX8QXPIEC
Giải thích chi tiết về linh kiện  i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8QXPIEC bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button IMX8QXPIEC Datasheet HTML 35Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 36Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 37Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 38Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 39Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 40Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 41Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 42Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
Electrical characteristics
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
39
Low-level output voltage1,2
VOL
IOL= 0.1mA
DSE = 000 or 001
—OVDD
× 0.2
V
IOL= 2mA
DSE = 010 or 011
IOL= 4mA
DSE = 100 to 110
High-Level input voltage2,3
VIH
—0.65
× OVDD
OVDD
V
Low-Level input voltage2,3
VIL
—
0
0.35
× OVDD
V
Pull-up resistance
RPU
Vin=0V (Pullup Resistor)
PUN = "L", PDN = "H"
20
90
k
Ω
Pull-down resistance
Rdown
Vin=OVDD( Pulldown Resistor)
PUN = "H", PDN = "L"
20
90
k
Ω
Input current (no PU/PD)
IIN
VI = 0, VI = OVDD
PUN = "H", PDN = "H"
-5
5
μA
Keeper Circuit Resistance
R_Keeper
VI =.3xOVDD, VI = .7x OVDD
PUN = "L", PDN = "L"
20
90
k
Ω
1 As programmed in the associated IOMUX (DSE field) register.
2 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.3
V, and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must
be controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other
methods. Noncompliance to this specification may affect device reliability or cause permanent damage to the device. (OVDD
is the IO supply.)
3 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 ns.
Table 34. Single-voltage 3.3 V GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage1,2
VOH
IOH = -0.1mA
DSE = 00 or 01
0.8
× OVDD
—
V
IOH= -2mA
DSE = 10 or 11
Low-level output voltage1,2
VOL
IOL=0.1mA
DSE = 00 or 01
—0.2
× OVDD
V
IOL = 2mA
DSE = 10 or 11
High-Level input voltage2,3
VIH
—0.75
× OVDD
OVDD
V
Low-Level input voltage2,3
VIL
—0
0.25
× OVDD
V
Pull-upresistance
RPU
Vin=0 V (Pullup Resistor)
PUN = "L", PDN = "H"
20
90
k
Ω
Table 33. Single-voltage 1.8 V GPIO DC parameters (continued)
Parameter
Symbol
Test Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com