công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB82642 bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện USB82642
Giải thích chi tiết về linh kiện  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 3Page - Microchip Technology USB82642 Datasheet HTML 4Page - Microchip Technology USB82642 Datasheet HTML 5Page - Microchip Technology USB82642 Datasheet HTML 6Page - Microchip Technology USB82642 Datasheet HTML 7Page - Microchip Technology USB82642 Datasheet HTML 8Page - Microchip Technology USB82642 Datasheet HTML 9Page - Microchip Technology USB82642 Datasheet HTML 10Page - Microchip Technology USB82642 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 7
USB82642
3.0
PIN CONFIGURATION
FIGURE 3-1:
USB82642 48-PIN VQFN (TOP VIEW)
USB82642AM
48-Pin VQFN
(Top View)
RESET_N
38
VBUS_DET
39
GPO1
37
TEST0
40
VDDA33
41
USBUP_DM
43
XTAL2
44
XTAL1 (CLKIN)
45
RBIAS
48
VDDA33
47
VDD18PLL
46
USBUP_DP
42
21
SD_CLK
20
SD_D6
19
SD_D7
18
SD_D0
17
VDD18
16
SD_D1
15
VDD33
14
SD_nCD
13
SD_WP
23
SD_D5
22
REG_EN
24
SD_CMD
Indicates pins on the bottom of the device.
Ground Pad
(must be connected
to VSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64