| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB82642 bảng dữ liệu(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB82642 bảng dữ liệu(HTML) 57 Page - Microchip Technology |
|
57 / 64 page ![]() 2012-2021 Microchip Technology Inc. DS60001253F-page 57 USB82642 DS60001253A cont Cover page GPIO1 only is supported. Added feature: Automotive Breakout box Chapter 1.0, Introduction Introduction revised. Section 1.1.1, "Hardware Features" GPIO1 only is supported. Chapter 2.0, Block Diagram GPIOs removed (except GPIO1). Chapter 3.0, Pin Configura- tion GPIOs removed (except GPIO1). PB free information removed. Chapter 4.0, Pin Table GPIOs removed (except GPIO1). Section 5.1, "USB82642 Pin Description" GPIOs removed (except GPIO1). Pin 31 added in section Misc (was missing). Section 5.4, "ROM BOOT Sequence" Figure 5-4: GPIOs removed. Section 6.1, "Pin Reset States" GPIOs removed (except GPIO1). Section 7.3, "I2C over USB Bridge" Table 7-1: GPIOs removed (except GPIO1). Section 7.5.2, "EEPROM Data Descriptor" USB Product ID changed: 0x4041 -> 0x4040 Section 7.5.5.2, "Pull-Up Resistor" GPIO (GPIO5, GPIO4) information removed. Section 8.1, "Maximum Guaranteed Ratings" Row “Voltage on GPIO10” removed. Chapter 10.0, GPIO Usage GPIOs removed (except GPIO1). Chapter 10.0, Package Information Note added that points to current package informa- tion. Appendix C: “References” Reference 1, reference 2: Version removed. Rev. 1.1 (07-15-13) All Order numbers modified, lead-free information removed. Dimple package removed. Section 5.1, "USB82642 Pin Description" Figure 5-1: Column “If pins not used connection” added. TABLE A-1: CUSTOMER REVISION HISTORY (CONTINUED) Revision Level & Date Section/Figure/Entry Correction |