công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX6SDLIEC bảng dữ liệu(PDF) 45 Page - NXP Semiconductors

tên linh kiện IMX6SDLIEC
Giải thích chi tiết về linh kiện  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC bảng dữ liệu(HTML) 45 Page - NXP Semiconductors

Back Button IMX6SDLIEC Datasheet HTML 41Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 42Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 43Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 44Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 45Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 46Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 47Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 48Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 161 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
NXP Semiconductors
45
Table 30 shows the AC parameters for DDR I/O operating in DDR3/DDR3L mode.
4.7.3
LVDS I/O AC Parameters
The differential output transition time waveform is shown in Figure 7.
Figure 7. Differential LVDS Driver Transition Time Waveform
Table 31 shows the AC parameters for LVDS I/O.
3 The typical value of Vix(ac) is expected to be about 0.5 x OVDD. and Vix(ac) is expected to track variation of OVDD. Vix(ac)
indicates the voltage at which differential input signal must cross.
Table 30. DDR I/O DDR3/DDR3L Mode AC Parameters1
1 Note that the JEDEC JESD79_3C specification supersedes any specification in this document.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
AC input logic high
Vih(ac)
—
Vref + 0.175
—
OVDD
V
AC input logic low
Vil(ac)
—
0
—
Vref - 0.175
V
AC differential input voltage2
2 Vid(ac) specifies the input differential voltage | Vtr-Vcp | required for switching, where Vtr is the “true” input signal and Vcp is
the “complementary” input signal. The Minimum value is equal to Vih(ac) - Vil(ac).
Vid(ac)
—
0.35
—
—
V
Input AC differential cross point voltage3, 4
3 The typical value of Vix(ac) is expected to be about 0.5 x OVDD. and Vix(ac) is expected to track variation of OVDD. Vix(ac)
indicates the voltage at which differential input signal must cross.
4 Extended range for Vix is only allowed for the clock and when the single-ended clock input signals CK and CK# are:
• monotonic with a single-ended swing VSEL/VSEH of at least VDD/2
±250 mV, and
• the differential slew rate of CK - CK# is larger than 3 V/ns
Vix(ac)
Relative to Vref
Vref - 0.15
—
Vref + 0.15
V
Over/undershoot peak
Vpeak
—
—
—
0.4
V
Over/undershoot area (above OVDD
or below OVSS)
Varea
400 MHz
—
—
0.5
V-ns
Single output slew rate, measured between
Vol(ac) and Voh(ac)
tsr
Driver impedance = 34
Ω
2.5
—
5
V/ns
Skew between pad rise/fall asymmetry + skew
caused by SSN
tSKD
clk = 400 MHz
——
0.1
ns
padp
padn
VDIFF
0V (Differential)
VDIFF = {padp} - {padn}
tTLH
20%
80%
20%
80%
tTHL
VOH
VOL
0V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com