công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX6SDLIEC bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện IMX6SDLIEC
Giải thích chi tiết về linh kiện  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button IMX6SDLIEC Datasheet HTML 26Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 27Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 28Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 29Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 30Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 31Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 32Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 33Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 161 page
background image
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
30
NXP Semiconductors
Electrical Characteristics
STOP_ON
• Arm LDO set to 0.9V
• SoC and PU LDOs set to 1.225 V
• HIGH LDO set to 2.5 V
• PLLs disabled
• DDR is in self refresh.
VDD_ARM_IN (1.4V)
4
mA
VDD_SOC_IN (1.4V)
22
VDD_HIGH_IN (3.0V)
8.5
Total
61.9
mW
STOP_OFF
• Arm LDO set to 0.9V
• SoC LDO set to: 1.225 V
• PU LDO is power gated
• HIGH LDO set to 2.5 V
• PLLs disabled
• DDR is in self refresh
VDD_ARM_IN (1.4V)
4
mA
VDD_SOC_IN (1.4V)
13.5
VDD_HIGH_IN (3.0V)
7.5
Total
47
mW
STANDBY
• Arm and PU LDOs are power gated
• SoC LDO is in bypass
• HIGH LDO is set to 2.5V
• PLLs are disabled
• Low Voltage
• Well Bias ON
• Crystal oscillator is enabled
VDD_ARM_IN (0.9V)
0.1
mA
VDD_SOC_IN (0.9V)
5
VDD_HIGH_IN (3.0V)
5
Total
19.6
mW
Deep Sleep Mode
(DSM)
• Arm and PU LDOs are power gated
• SoC LDO is in bypass
• HIGH LDO is set to 2.5V
• PLLs are disabled
• Low Voltage
• Well Bias ON
• Crystal oscillator and bandgap are disabled
VDD_ARM_IN (0.9V)
0.1
mA
VDD_SOC_IN (0.9V)
2
VDD_HIGH_IN (3.0V)
0.5
Total
3.4
mW
SNVS only
• VDD_SNVS_IN powered
• All other supplies off
• SRTC running
VDD_SNVS_IN (2.8V)
41
μA
Total
115
mW
1 The typical values shown here are for information only and are not guaranteed. These values are average values measured
on a typical wafer at 25°C.
Table 11. Stop Mode Current and Power Consumption (continued)
Mode
Test Conditions
Supply
Typical1
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com