| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC592 bảng dữ liệu(PDF) 96 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC592 bảng dữ liệu(HTML) 96 Page - Analog Devices |
|
96 / 143 page ![]() Rev. PrD | Page 96 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data SPI Port—SPIx_RDY Master Timing SPIx_RDY is used to provide flow control. CPOL and CPHA are configuration bits in the SPIx_CTL register, whereas LEADX, LAGX, and STOP are configuration bits in the SPIx_DLY register. Table 55. SPI Port—SPIx_RDY Master Timing1 1 All specifications apply to all three SPIs. All specifications are based on simulation data and are subject to change without notice. Parameter Conditions Min Max Unit Timing Requirement tSRDYSCKM Setup Time for SPIx_RDY Deassertion Before Last Valid Data SPIx_CLK Edge (TBD × BAUD2) × tCDU_CLKO0 + TBD 2 BAUD value is set using the SPIx_CLK.BAUD bits. BAUD value = SPIx_CLK.BAUD bits + 1. ns Switching Characteristic tDRDYSCKM 3 3 Specification assumes the LEADX, LAGX, and STOP bits in the SPI_DLY register are zero. Assertion of SPIx_RDY to First SPIx_CLK Edge of Next Transfer BAUD = 0, CPHA = 0 TBD × tCDU_CLKO0 TBD × tCDU_CLKO0 + TBD ns BAUD = 0, CPHA = 1 TBD × tCDU_CLKO0 TBD × tCDU_CLKO0 + TBD ns BAUD > 0, CPHA = 0 (TBD × BAUD2) × tCDU_CLKO0 (TBD × BAUD2) × tCDU_CLKO0 +TBD ns BAUD > 0, CPHA = 1 (TBD × BAUD2) × tCDU_CLKO0 (TBD × BAUD2) × tCDU_CLKO0 + TBD ns Figure 24. SPIx_RDY Setup Before SPIx_CLK SPIx_CLK (CPOL = 0) SPIx_CLK (CPOL = 1) tSRDYSCKM SPIx_RDY |