| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC592 bảng dữ liệu(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC592 bảng dữ liệu(HTML) 58 Page - Analog Devices |
|
58 / 143 page ![]() Rev. PrD | Page 58 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data PA_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 3 | OSPI0 D3 | SPI2 D3 | TWI3 Data Notes: See note2 PA_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 4 | OSPI0 Clock | SPI2 Clock Notes: See note2 PA_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 5 | OSPI0 Slave Select Output 1 | SPI2 Slave Select Output 1 | SPI2 Slave Select Notes: See note2 PA_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 6 | OSPI0 D4 | SPI0 Clock | UART0 TX | TIMER0 Timer Alternate Clock 1 Notes: See note2 PA_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 7 | OSPI0 D5 | SPI0 MISO | UART0 RX | TIMER0 Timer Alternate Input 0 Notes: See note2 PA_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 8 | OSPI0 D6 | SPI0 MOSI | UART0 RTS | TIMER0 Timer Alternate Clock 2 Notes: See note2 PA_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 9 | OSPI0 D7 | SPI0 Slave Select Output 1 | UART0 CTS | SPI0 Slave Select Notes: See note2 PA_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 10 | SPI1 Clock | TIMER0 Timer 0 | TWI0 Clock Notes: See note2 PA_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 11 | HADC0 End of Conversion | SPI1 MISO | TWI0 Data | TIMER0 Timer Alternate Input 4 Notes: See note2 PA_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 12 | SPI1 MOSI | SHARC1 Core Flag 0 | TIMER0 Timer 1 Notes: See note2 PA_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 13 | SPI1 Slave Select Output 1 | SHARC1 Core Flag 1 | TIMER0 Timer 2 | SPI1 Slave Select Notes: See note2 PA_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 14 | SPI1 D2 | TWI2 Clock | UART1 RX | TIMER0 Alternate Clock Input 1 Notes: See note2 PA_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTA Position 15 | SPI1 D3 | TWI2 Data | UART1 TX Notes: See note2 PB_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTB Position 0 | MLB0 Data | TWI1 Clock | UART1 RTS | TIMER0 Alternate Clock Input 3 Notes: See note2 Table 25. ADSP-2159x/ADSP-SC59x Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |