| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA9220 bảng dữ liệu(PDF) 7 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA9220 bảng dữ liệu(HTML) 7 Page - Dialog Semiconductor |
|
7 / 62 page ![]() DA9220 High-Performance Dual-Channel DC-DC Converter Datasheet Revision 2.1 17-Sep-2020 CFR0011-120-00 7 of 62 © 2020 Dialog Semiconductor Pin No. Pin Name Type (Table 2) Drive (mA) Reset State Description D4 AGND GND 10 Analog control and auxiliary circuitry VSS D5 FB2P AI 10 Buck2 positive node of differential voltage feedback, connect to VOUT2 at point of load D6 FB2N AI 10 Buck2 negative node of differential voltage feedback, connect to VSS at point of load Table 2: Pin Type Definition Pin Type Description Pin Type Description DI Digital input AI Analog input DO Digital output AO Analog output DIO Digital input/output AIO Analog input/output PWR Power GND Ground |