công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG47105 bảng dữ liệu(PDF) 13 Page - Dialog Semiconductor

tên linh kiện SLG47105
Giải thích chi tiết về linh kiện  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47105 bảng dữ liệu(HTML) 13 Page - Dialog Semiconductor

Back Button SLG47105 Datasheet HTML 9Page - Dialog Semiconductor SLG47105 Datasheet HTML 10Page - Dialog Semiconductor SLG47105 Datasheet HTML 11Page - Dialog Semiconductor SLG47105 Datasheet HTML 12Page - Dialog Semiconductor SLG47105 Datasheet HTML 13Page - Dialog Semiconductor SLG47105 Datasheet HTML 14Page - Dialog Semiconductor SLG47105 Datasheet HTML 15Page - Dialog Semiconductor SLG47105 Datasheet HTML 16Page - Dialog Semiconductor SLG47105 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 253 page
background image
Datasheet
31-Aug-2021
CFR0011-120-00
Revision 3.4
13 of 253
© 2021 Dialog Semiconductor
SLG47105
GreenPAK Programmable Mixed-Signal Matrix with High
Voltage Features
3
Characteristics
3.1 ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specification are not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
3.2 ELECTROSTATIC DISCHARGE RATINGS
Table 3: Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
Supply voltage on VDD relative to GND
-0.3
7.0
V
Supply voltage on VDD2 relative to GND
-0.3
18
V
DC Input Voltage
GND - 0.5 V VDD + 0.5 V
V
Maximum VDD Average or DC Current
(Through VDD or
GND pin) for VDD
group
--
120
mA
Maximum VDD2 or Sense Average or DC
Current
(Through each
VDD2_A, VDD2_B,
SENSE_A or
SENSE_B pin)
--
2000
mA
Maximum Average
or
DC Current (VDD
power supply)
Push-Pull 1x
Through VDD Group
pins
TJ = -40 °C to 85 °C
--
11
mA
Push-Pull 2x
--
16
OD 1x
--
11
OD 2x
--
21
Maximum Average
or
DC Current (VDD
power supply)
Push-Pull 1x
Through VDD Group
pins
TJ = -40 °C to 150 °C
--
3.8
mA
Push-Pull 2x
--
7.6
OD 1x
--
3.8
OD 2x
--
7.6
Maximum Average
or DC Current
(VDD2 power
supply)
Push-Pull/
Half Bridge
Through VDD2 High
Current Group pins
--
1500
mA
Maximum pulsed current sink/sourced
per HV HD pin
Pulse width < 0.5 ms;
duty cycle < 2 %
--
Internally
limited by
OCP
mA
Current at Input Pin
Through VDD Group
pin
-0.1
1.0
mA
Input Leakage Current (Absolute Value)
--
1000
nA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
Moisture Sensitivity Level
1
Table 4: Electrostatic Discharge Ratings
Parameter
Min
Max
Unit
ESD Protection (Human Body Model)
4000
--
V
ESD Protection (Charged Device Model)
1300
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com