công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG47105 bảng dữ liệu(PDF) 39 Page - Dialog Semiconductor

tên linh kiện SLG47105
Giải thích chi tiết về linh kiện  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47105 bảng dữ liệu(HTML) 39 Page - Dialog Semiconductor

Back Button SLG47105 Datasheet HTML 35Page - Dialog Semiconductor SLG47105 Datasheet HTML 36Page - Dialog Semiconductor SLG47105 Datasheet HTML 37Page - Dialog Semiconductor SLG47105 Datasheet HTML 38Page - Dialog Semiconductor SLG47105 Datasheet HTML 39Page - Dialog Semiconductor SLG47105 Datasheet HTML 40Page - Dialog Semiconductor SLG47105 Datasheet HTML 41Page - Dialog Semiconductor SLG47105 Datasheet HTML 42Page - Dialog Semiconductor SLG47105 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 253 page
background image
Datasheet
31-Aug-2021
CFR0011-120-00
Revision 3.4
39 of 253
© 2021 Dialog Semiconductor
SLG47105
GreenPAK Programmable Mixed-Signal Matrix with High
Voltage Features
5
System Overview
5.1 GPIO PINS
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
NMOS Open-Drain Outputs
Push-Pull Outputs
Analog IO
10 k
Ω/100 kΩ/1 MΩ Pull-up/Pull-down resistors
GPIO with OE can be configured as bidirectional IO or three-state output
5.2 HIGH VOLTAGE OUTPUT PINS
High voltage digital output in Push-Pull, Open-Drain configurations or Full Bridge logic
Build-in Overcurrent and Short Circuit protection
Configurable Dead Band Time
Sleep mode to save energy
Advanced Voltage Control and Current Control
5.3 CONNECTION MATRIX
Digital matrix for circuit connections based on user design
5.4 TWO CURRENT SENSE COMPARATORS
SENSE_x pin that is connected to a positive input of Sense Comparator for Advanced Current Control
Separate Selectable Vref: 6-bit selection
Static or Dynamic Vref selection
Configurable Gain: 4x or 8x
5.5 DIFFERENTIAL AMPLIFIER WITH INTEGRATOR AND COMPARATOR
Low Quiescent Current
Provide constant motor speed for variable VDD2
Connected to HV GPO0 and HV GPO1
5.6 TWO GENERAL PURPOSE ANALOG COMPARATORS
Wide Vref Selector: 32 mV to 2016 mV, with 32 mV step
Selectable hysteresis: 2-bit selection
Configurable Gain (resistor divider) 1x; 0.5x; 0.33x; 0.25x
Different input sources: PINs, VDD or Temp sense
5.7 VOLTAGE REFERENCE
Used for references on Analog Comparators
Can be driven to external pin
5.8 TWELVE COMBINATION FUNCTION MACROCELLS
Three Selectable DFF/LATCH or 2-bit LUTs
One Selectable Programmable Pattern Generator or 2-bit LUT
Six Selectable DFF/LATCH with Set/Reset input or 3-bit LUTs
One Selectable Pipe Delay or Ripple Counter or 3-bit LUT
One Selectable DFF/LATCH with Set/Reset input or 4-bit LUT
5.9 FIVE MULTI-FUNCTION MACROCELLS
Four Selectable DFF/LATCH/3-bit LUTs + 8-bit Delay/Counters
One Selectable DFF/LATCH/4-bit LUT + 16-bit Delay/Counter
5.10 TWO PWM MACROCELLS
Flexible 8-bit or 7-bit PWM mode with the Duty Cycle control
True 0 % and 100 % Duty Cycle
Regular or 16 Preset Registers mode
Autostop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com