công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD39208 bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện PD39208
Giải thích chi tiết về linh kiện  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 11Page - Microchip Technology PD39208 Datasheet HTML 12Page - Microchip Technology PD39208 Datasheet HTML 13Page - Microchip Technology PD39208 Datasheet HTML 14Page - Microchip Technology PD39208 Datasheet HTML 15Page - Microchip Technology PD39208 Datasheet HTML 16Page - Microchip Technology PD39208 Datasheet HTML 17Page - Microchip Technology PD39208 Datasheet HTML 18Page - Microchip Technology PD39208 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
4.
Application Information
This section describes the application information of the PD39208 device.
4.1
PD Detection
The PD detection feature detects a valid IEEE 802.3af or IEEE 802.3at powered device. The PD detection is done
based on four different voltage levels to ensure robust detection, as shown in the Typical IEEE 802.3at Port PoE
Voltage Diagram.
4.2
Legacy Detection
When legacy detection is enabled, the PD detection mechanism detects and powers up the legacy and pre-standard
PDs as well as IEEE 802.3af and IEEE 802.3at standard compliant PDs (Classes 0–4).
4.3
Classification
The classification process takes place immediately after PD detection is successfully completed. The goal of the
classification process is to detect PD class as specified in IEEE 802.3 standards.
In IEEE 802.3af mode, the classification mechanism is based on a single voltage level (single event). In IEEE 802.3at
mode, the classification mechanism is based on two voltage levels (multiple events). The following figure shows the
steps required for power-up, actual implementation may vary.
Figure 4-1. Typical IEEE 802.3at Port PoE Voltage Diagram
Detection
2 Event
Classification
Power Up
(Inrush)
Power ON
Power Off
Port Voltage
PD39208
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com