| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW5095T bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5095T bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 69 page ![]() STw5095 4 Control Registers 35/69 Bits Name Value CR28 Description Def. 7AMCKINV 1 0 AMCK is inverted AMCK is not inverted 0 6DACKP 1 0 DA Bit Clock Pin (DA_CK) polarity is inverted DA Bit Clock Pin (DA_CK) polarity is not inverted 0 5 DASYNCP 1 0 DSP and PCM Formats in DA Interface Non Delayed format Delayed Format 0 1 0 Delayed, Left-aligned, Right-aligned and SPI Formats in DA Interface DA Sync Pin (DA_SYNC) polarity is inverted DA Sync Pin (DA_SYNC) polarity is not inverted 4DAMONO 1 0 Mono Mode: (L+R)/2 from Audio Interface is used on both DAC channels Stereo Mode 0 3 ADCKP 1 0 AD Bit Clock Pin (AD_CK) polarity is inverted AD Bit Clock Pin (AD_CK) polarity is not inverted 0 2 ADSYNCP 1 0 DSP and PCM Formats in AD Interface Non Delayed format Delayed Format 0 1 0 Delayed, Left-aligned, Right-aligned and SPI Formats in AD Interface DA Sync Pin (DA_SYNC) polarity is inverted DA Sync Pin (DA_SYNC) polarity is not inverted 1ADMONO 1 0 Mono Mode: (L+R)/2 from ADC is sent to both channels in the Audio Interface Stereo Mode 0 0 ADHIZ 1 0 AD data pin (AD_DATA) is in high impedance state when no data is available AD data pin (AD_DATA) is forced to 0 when no data is available 0 |