công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC3200 bảng dữ liệu(PDF) 413 Page - Advanced Micro Devices

tên linh kiện SC3200
Giải thích chi tiết về linh kiện  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 bảng dữ liệu(HTML) 413 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 409Page - Advanced Micro Devices SC3200 Datasheet HTML 410Page - Advanced Micro Devices SC3200 Datasheet HTML 411Page - Advanced Micro Devices SC3200 Datasheet HTML 412Page - Advanced Micro Devices SC3200 Datasheet HTML 413Page - Advanced Micro Devices SC3200 Datasheet HTML 414Page - Advanced Micro Devices SC3200 Datasheet HTML 415Page - Advanced Micro Devices SC3200 Datasheet HTML 416Page - Advanced Micro Devices SC3200 Datasheet HTML 417Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
413
Electrical Specifications
Revision 5.1
Figure 9-32. Initiating an UltraDMA Data Out Burst Timing Diagram
IDE_DATA[15:0]
(device)
IDE_CS[0:1]#
IDE_ADDR[2:0]
tUI
tACK
tENV
tLI
tUI
tZIORDY
tACK
tDVS
tDVH
tACK
IDE_DACK0#
(host)
IDE_DREQ0
(device)
IDE_IOW0#
(STOP0#)
(host)
IDE_IORDY0
(DDMARDY0)
(device)
IDE_IOR0#
(HSTROBE0#)
(host)
Note:
The definitions for the IDE_IOW[0:1]]# (STOP[0:1]#), IDE_IORDY[0:1]# (DDMARDY[0:1]) and IDE_IOR[0:1]#
(HSTROBE[0:1]#) signal lines are not in effect until IDE_DREQ[0:1] and IDE_DACK[0:1]# are asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More