| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC3200 bảng dữ liệu(PDF) 396 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 bảng dữ liệu(HTML) 396 Page - Advanced Micro Devices |
|
396 / 447 page ![]() 396 AMD Geode™ SC3200 Processor Data Book Electrical Specifications Revision 5.1 tRDYA2 IOCHRDY valid after IOR#/MEMR#/ RD#/DOCR#/IOW#/MEMW#/WR#/ DOCW# FE 8 M, I/O 366 9-19 9-20 tIOCSA IOCS[1:0]#/DOCS#/ROMCS# driven active from A[23:0] valid 8, 16 M, I/O 34 9-19 9-20 tIOCSH IOCS[1:0]#/DOCS#/ROMCS# valid hold after A[23:0] invalid 8, 16 M, I/O 0 9-19 9-20 tAR1 A[23:0]/BHE# valid before MEMR#/ DOCR# active 16 M 34 9-19 tAR2 A[23:0]/BHE# valid before IOR# active 16 I/O 100 9-19 tAR3 A[23:0]/BHE# valid before MEMR#/ DOCR#/IOR# active 8 M, I/O 100 9-19 tRA A[23:0]/BHE# valid hold after MEMR#/DOCR#/IOR# inactive 8, 16 M, I/O 25 9-19 tRVDS Read data D[15:0] valid setup before MEMR#/DOCR#/IOR# inactive 8, 16 M, I/O 24 9-19 tRDH Read data D[15:0] valid hold after MEMR#/DOCR#/IOR# inactive 8, 16 M, I/O 0 9-19 tHZ Read data floating after MEMR#/ DOCR#/IOR# inactive 8, 16 M, I/O 41 9-19 tAW1 A[23:0]/BHE# valid before MEMW#/ DOCW# active 16 M 34 9-20 tAW2 A[23:0]/BHE# valid before IOW# active 16 I/O 100 9-20 tAW3 A[23:0]/BHE# valid before MEMW#/ DOCW#/IOW# active 8 M, I/O 100 9-20 tWA A[23:0]/BHE# valid hold after MEMW#/DOCW#/IOW# invalid 8, 16 M, I/O 25 9-20 tDV1 Write data D[15:0] valid after MEMW#/DOCW# active 8, 16 M 40 9-20 tDV2 Write data D[15:0] valid after IOW# active 8 I/O 40 9-20 tDV3 Write data D[15:0] valid after IOW# active 16 I/O -23 9-20 tWTR TRDE# inactive after MEMW#/ DOCW#/IOW# inactive 8, 16 M, I/O 20 9-20 tDH Write data D[15:0] after MEMW#/ DOCW#/IOW# inactive 8, 16 M, I/O 45 9-20 tDF Write data D[15:0] goes TRI-STATE after MEMW#/DOCW#/IOW# inactive 8, 16 M, I/O 105 9-20 tWDAR Write data D[15:0] after read MEMR#/ DOCR#/IOR# 8, 16 M, I/O 41 9-19 Table 9-21. Sub-ISA Timing Parameters (Continued) Symbol Parameter Bus Width (Bits) Type Min (ns) Max (ns) Figure Comments |