| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC3200 bảng dữ liệu(PDF) 287 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 bảng dữ liệu(HTML) 287 Page - Advanced Micro Devices |
|
287 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 287 Core Logic Module - Audio Registers - Function 3 Revision 5.1 20 Mask Internal IRQ4. (Write Only) 0: Disable. 1: Enable. 19 Mask Internal IRQ3. (Write Only) 0: Disable. 1: Enable. 18 Reserved. (Write Only) Must be set to 0. 17 Mask Internal IRQ1. (Write Only) 0: Disable. 1: Enable. 16 Reserved. (Write Only) Must be set to 0. 15 Assert Masked Internal IRQ15. 0: Disable. 1: Enable. 14 Assert Masked Internal IRQ14. 0: Disable. 1: Enable. 13 Reserved. Set to 0. 12 Assert Masked Internal IRQ12. 0: Disable. 1: Enable. 11 Assert masked internal IRQ11. 0: Disable. 1: Enable. 10 Assert Masked Internal IRQ10. 0: Disable. 1: Enable. 9 Assert Masked Internal IRQ9. 0: Disable. 1: Enable. 8 Reserved. Set to 0. 7 Assert Masked Internal IRQ7. 0: Disable. 1: Enable. 6 Reserved. Set to 0. 5 Assert Masked Internal IRQ5. 0: Disable. 1: Enable. 4 Assert Masked Internal IRQ4. 0: Disable. 1: Enable. 3 Assert Masked Internal IRQ3. 0: Disable. 1: Enable. 2 Reserved. Must be set to 0. Table 6-38. F3BAR0+Memory Offset: Audio Configuration Registers (Continued) Bit Description |