công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2829 bảng dữ liệu(PDF) 1 Page - Maxim Integrated Products

tên linh kiện MAX2829
Giải thích chi tiết về linh kiện  On-Board Line Drivers and Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 bảng dữ liệu(HTML) 1 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Evaluate: MAX2828/MAX2829
MAX2828/MAX2829
Evaluation Kits
General Description
The MAX2828/MAX2829 evaluation kits (EV kits) simplify
the testing of the MAX2828/MAX2829. The EV kits provide
50Ω SMA connectors for all RF and baseband inputs and
outputs. Differential-to-single-ended and single-ended-to-
differential line drivers are provided to convert the differential
I/Q baseband inputs and outputs of the MAX2828/MAX2829
to single-ended ports.
The EV kits simplify evaluation of the receive and transmit
performance in the corresponding 802.11x bands.
Features
● On-Board Line Drivers and Voltage Reference
● 50Ω SMA and BNC Connectors on All RF and
Baseband Ports
● PC Control Software Available at
www.maximintegrated.com
● 3-Wire Serial Interface
19-3470; Rev 4; 1/16
Quick Start
Each EV kit is fully assembled and factory tested. Follow
the instructions in the Connections and Setup section to
test the devices.
Test Equipment Required
This section lists the recommended test equipment to
verify the operation of the MAX2828/MAX2829. It is
intended as a guide only, and substitutions may be
possible.
● MAX2828/MAX2829 EV Kit
● INTF3000+ Interface Board
● DC supply capable of delivering +5.0V and 200mA of
continuous current
● DC supply capable of delivering -5.0V and 200mA of
continuous current
● DC supply capable of delivering +3.6V and 300mA of
continuous current
● HP 8663A or equivalent low-noise signal source
capable of generating a 20MHz or 40MHz reference
oscillator signal
● One HP 8648s or equivalent signal sources capable
of generating 0dBm CW up to 6GHz
● 802.11x CW I/Q waveform generator (optional)
● HP 8561E or equivalent RF spectrum analyzer with a
minimum 100kHz to 6GHz frequency range
● TDS3012 or equivalent oscilloscope with 200MHz
bandwidth
● PC, laptop, or tablet with Microsoft Windows XP®,
Windows 7, 8 OS and a spare USB port
● USB-A male to USB-B male cable
Connections and Setup
This section provides step-by-step instructions for getting
the EV kits up and running in all modes (see Figure 1 for
EV kit connections):
1) Connect the PC to the INTF3000 interface board using
the USB cable. On INTF3000, remove jumper JU1
and connect a DC supply set to 2.7V to the VPULL
connector. Connect the 25-pin connector of the
INTF3000 (J4) directly to the 25-pin connector on the
EV kit (J18).
2) With the power supply turned off, connect a +2.7V
power supply to the header labeled VCC (J13). Connect
the power-supply ground to the header labeled GND
(J12).
3) With the power supply turned off, connect a +5V power
supply to the header labeled +5V (J16), and a -5V
power supply to the header labeled -5V (J14). Connect
the power-supply ground to the header labeled GND
(J15).
4) Connect the low-noise signal source to FREF (J9).
5) Turn on the +5V and -5V power supplies, followed
by the +2.7V power supply. Set the low-noise signal
source to 40MHz and 2dBm. Enable the signal source.
The lock indicator should be green.
6) Install and run the MAX2828/MAX2829 control
software
HERE.
Windows and Windows XP are registered trademarks and
registered service marks of Microsoft Corporation.


Số phần tương tự - MAX2829

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX2829 MAXIM-MAX2829 Datasheet
1,015Kb / 39P
Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
Rev 0; 10/04
MAX2829ETN MAXIM-MAX2829ETN Datasheet
1,015Kb / 39P
Single-/Dual-Band 802.11a/b/g World-Band Transceiver ICs
Rev 0; 10/04
More results

Mô tả tương tự - MAX2829

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
EVAL-AD7902SDZ AD-EVAL-AD7902SDZ Datasheet
2Mb / 32P
On-board reference
Rev. 0
logo
Maxim Integrated Produc...
MAX2839EVKIT MAXIM-MAX2839EVKIT Datasheet
1Mb / 14P
On-Board Line Drivers and Voltage References Evaluation Kit
Rev 1; 11/14
MAX2839ASEVKIT MAXIM-MAX2839ASEVKIT Datasheet
1Mb / 14P
On-Board Line Drivers and Voltage References Evaluation Kit
Rev 2; 11/14
MAX2838EVKIT MAXIM-MAX2838EVKIT Datasheet
1Mb / 13P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 0; 7/08
MAX2837EVKIT MAXIM-MAX2837EVKIT Datasheet
1Mb / 11P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 2; 1/16
MAX2831EVKIT MAXIM-MAX2831EVKIT Datasheet
2Mb / 13P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
MAX2830EVKIT MAXIM-MAX2830EVKIT Datasheet
2Mb / 14P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
MAX19692EVKIT MAXIM-MAX19692EVKIT Datasheet
974Kb / 16P
On-Board 1.25V Reference Circuitry
Rev 3; 10/20
MAX101AEVKIT MAXIM-MAX101AEVKIT Datasheet
198Kb / 16P
On-Board Reference Generator/Buffer
Rev 1; 7/96
MAX3674EVKIT MAXIM-MAX3674EVKIT Datasheet
621Kb / 10P
On-Board 16MHz Crystal Reference
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com