công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ABC401-1012-PC bảng dữ liệu(PDF) 8 Page - Bel Fuse Inc.

tên linh kiện ABC401-1012-PC
Giải thích chi tiết về linh kiện  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401-1012-PC bảng dữ liệu(HTML) 8 Page - Bel Fuse Inc.

Back Button ABC401-1012-PC Datasheet HTML 4Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 5Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 6Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 7Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 8Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 9Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 10Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 11Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ABC401 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
STANDARD
PERFORMANCE
CLASS
Conducted
115 VRMS, 230 VRMS. Maximum load
4 dB minimum margin
EN 55032 (ITE)
B
Radiated
At 10 m distance
EN 55032 (ITE)
B
Line Voltage Fluctuation and
Flicker
At 20%, 50% and 100% maximum load
Nominal input voltages
EN 61000-3-3
Harmonic Current Emission
Nominal input voltages
Output load > 50 W
EN 61000-3-2
C
PARAMETER
DESCRIPTION / CONDITION
STANDARD
TEST LEVEL
CRITERIA
Reference standards for ITE equipment
EN 55024
ESD
15 kV air discharge, 8 kV contact,
at any point of the system.
EN 61000-4-2
4
A
Radiated Field
3 V/m, 80-1000 MHz, 1 KHz 80% AM.
Dwell time is 3 sec for 2 Hz modulation
Dwell time is 1 sec for 1KHz modulation
EN 61000-4-3
3
A
Electric Fast Transient
±2 kV on AC power port for 1 minute;
±1 kV on signal/control lines
EN 61000-4-4
3
A
Surge
±2 kV line to line; ± 4 kV line to earth on AC power port EN 61000-4-5
4
A
Conducted RF Immunity
3 VRMS, 0,15-80 MHz, 1 KHz/2 Hz 80% AM
EN 61000-4-6
3
A
Dips and Interruptions
100 - 240VAC
Drop-out to 5% for 0.5 cycles (10 ms)
Dip to 70% for 25 cycles (500 ms)
Interrupts > 95% for 5 s
EN61000-4-11
EN61000-4-11
EN61000-4-11
A
A
B
CERTIFICATION BODY
SAFETY STANDARDS
CATEGORY
CSA/UL
CSA C22.2 No. 60950-1, UL 60950-1 and UL 62368-1
Audio Video and IT equipment
IEC IECEE
CB Certification
IEC/EN 60950-1 and IEC/EN 62368-1
Audio Video and IT equipment
CE
Directive 2014/35/EU: Electrical Safety: Low Voltage electrical equipment (LVD)
Audio Video and IT equipment
Directive 2014/30/EU: Electromagnetic Compatibility (EMC)
Directive EU 2015/863: RoHS 3
PARAMETER
DESCRIPTION / CONDITION
Weight
410 g (0.90 lb)
525 g (1.16 lb) – UC model
575 g (1.43 lb) – PC model
670 g (1.48 lb) – T model
525 g (1.16 lb) – S model
Overall Dimensions
76.0 x 164.2 x 37.7 mm (2.99 x 6.46 x 1.48 in)
84.4 x 166.5 x 40.0 mm (3.32 x 6.55 x 1.57 in) – UC model
84.4 x 170.5 x 41.0 mm (3.32 x 6.71 x 1.61 in) – PC model
84.4 x 166.5 x 41.0 mm (3.32 x 6.55 x 1.61 in) – T model
84.4 x 183.0 x 41.0 mm (3.32 x 7.20 x 1.61 in) – S model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com