công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC8073LP3DETR bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện HMC8073LP3DETR
Giải thích chi tiết về linh kiện  0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC8073LP3DETR bảng dữ liệu(HTML) 3 Page - Analog Devices

  HMC8073LP3DETR Datasheet HTML 1Page - Analog Devices HMC8073LP3DETR Datasheet HTML 2Page - Analog Devices HMC8073LP3DETR Datasheet HTML 3Page - Analog Devices HMC8073LP3DETR Datasheet HTML 4Page - Analog Devices HMC8073LP3DETR Datasheet HTML 5Page - Analog Devices HMC8073LP3DETR Datasheet HTML 6Page - Analog Devices HMC8073LP3DETR Datasheet HTML 7Page - Analog Devices HMC8073LP3DETR Datasheet HTML 8Page - Analog Devices HMC8073LP3DETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
HMC8073
Rev. B | Page 3 of 13
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 5.0 V, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.6
3.0
GHz
INSERTION LOSS
0.6 GHz to 1.0 GHz
1.1
dB
1.0 GHz to 2.0 GHz
1.5
dB
2.0 GHz to 3.0 GHz
2.2
dB
ATTENUATION
0.6 GHz to 3.0 GHz
Range
Delta between minimum and maximum
attenuation states
31.5
dB
Step Size, LSB
Between any successive attenuation states
0.5
dB
Accuracy
Referenced to insertion loss; all
attenuation states
−(0.25 + 3% of
attenuation state)
+(0.25 + 3% of
attenuation state)
dB
Step Error
All attenuation states
±0.4
dB
RETURN LOSS
All attenuation states
RFIN, RFOUT
0.6 GHz to 1.0 GHz
14
dBm
1.0 GHz to 2.0 GHz
12
dBm
2.0 GHz to 3.0 GHz
9
dBm
RELATIVE PHASE
0.6 GHz to 1.0 GHz
4
Degrees
1.0 GHz to 2.0 GHz
14
Degrees
2.0 GHz to 3.0 GHz
38
Degrees
SWITCHING CHARACTERISTICS
Rise and Fall Time (tRISE, tFALL)
10% to 90% of RF output
65
ns
On and Off Time (tON, tOFF)
50% VCTL to 90% of RF output
260
ns
INPUT LINEARITY
All attenuation states
0.1 dB Compression (P0.1dB)
28
dBm
1 dB Compression (P1dB)
31
dBm
Input Third-Order Intercept (IP3)
Two-tone input power = 16 dBm/tone, ∆f =
1 MHz
52
dBm
SUPPLY CURRENT (IDD)
VDD = 3.3 V
0.3
mA
VDD = 5.0 V
0.3
mA
CONTROL VOLTAGE THRESHOLD,
VCTL
For CLK, LE, SI, A0, A1, A2; <1 μA typical
Low, VIL
VDD = 3.3 V
0
0.8
V
VDD = 5.0 V
0
0.8
V
High, VIH
VDD = 3.3 V
2
3.3
V
VDD = 5.0 V
2
5.0
V
RECOMMENDED OPERATING
CONDITIONS
Supply Voltage Range (VDD)
3.3
5.0
V
Digital Control Voltage Range
For CLK, LE, SI, A0, A1, A2
0
VDD
V
Maximum RF Input Power
Worst case at maximum attenuation
30
dBm
Case Temperature (TCASE)
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com