công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE25AB400GTMTH bảng dữ liệu(PDF) 18 Page - ACE Technology Co., LTD.

tên linh kiện ACE25AB400GTMTH
Giải thích chi tiết về linh kiện  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GTMTH bảng dữ liệu(HTML) 18 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GTMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 22Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
18
Chip Erase (CE) (60/C7H)
The Chip Erase (CE) command is for erasing the all data of the chip. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit .The Chip Erase (CE)
command is entered by driving CS# Low, followed by the command code on Serial Data Input (SI). CS#
must be driven Low for the entire duration of the sequence.
The Chip Erase command sequence: CS# goes low→sending Chip Erase command →CS# goes high.
The command sequence is shown in Figure 13. CS# must be driven high after the eighth bit of the
command code has been latched in, otherwise the Chip Erase command is not executed. As soon as
CS# is driven high, the self- timed Chip Erase cycle (whose duration is tCE) is initiated. While the Chip
Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and is 0 when it is
completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is
reset. The Chip Erase (CE) command is executed if the Block Protect (BP1, BP0) bits are all 0. The Chip
Erase (CE) command is ignored if one or more sectors are protected. Note: Power disruption during
erase operation will cause incomplete erase, thus recommend performing a re-erase once power resume.
Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command support a way to put the device in the lowest
consumption mode (the Deep Power-Down Mode). It can also be used as an extra software protection
mechanism, while the device is not in active use. Driving CS# high deselects the device, and puts the
device in the Standby Mode (if there is no internal cycle currently in progress). But this mode is not the
Deep Power-Down Mode. The Deep Power-Down Mode can only be entered by executing the Deep
Power-Down (DP) command. The Release from Deep Power-Down and Read Device ID (RDI) command
also allows the Device ID of the device to be out- put on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always Power-Up in
the Standby Mode. The Deep Power-Down (DP) command is entered by driving CS# low, followed by the
command code on SI. CS# must be driven low for the entire duration of the sequence.
Figure13. Chip Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37