| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE25AB400GFMLTH bảng dữ liệu(PDF) 20 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25AB400GFMLTH bảng dữ liệu(HTML) 20 Page - ACE Technology Co., LTD. |
|
20 / 37 page ![]() ACE25AB400G Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector VER 1.1 20 Read Manufacture ID/ Device ID (REMS) (90H) The Read Manufacturer/Device ID command is for reading both the JEDEC assigned Manufacturer ID and the specific Device ID. The command is initiated by driving the CS# pin low and shifting the command code “90H” followed by a 24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure17. If the 24-bit address is initially set to 000001H, the Device ID will be read first . Figure17. Read Sequence Diagram Figure15. Release Power-Down Sequence Diagram Figure16. Release Power-Down /Read Device ID Sequence Diagram |