công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE25AB400GFMTH bảng dữ liệu(PDF) 30 Page - ACE Technology Co., LTD.

tên linh kiện ACE25AB400GFMTH
Giải thích chi tiết về linh kiện  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMTH bảng dữ liệu(HTML) 30 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 34Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
30
DC Characteristics(T=-40℃~85℃,VCC=2.7~3.6V)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Unit
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1
Standby Current
CS#=VCC VIN=VCC or VSS
0.03
0.05
μA
ICC2 Deep Power-Down Current CS#=VCC VIN=VCC or VSS
0.03
0.05
μA
ICC3
Operating Current(Read)
CLK=0.1VCC/0.9VCC at
40MHZ,Q=Open(*1 I/O)
5
7
mA
CLK=0.1VCC/0.9VCC at
50MHZ,Q=Open(*1 I/O)
6
8
CLK=0.1VCC/0.9VCC at
120MHZ,Q=Open(*1 I/O)
8
12
CLK=0.1VCC/0.9VCC at
40MHZ,Q=Open(*2 I/O)
5
8
CLK=0.1VCC/0.9VCC at
50MHZ,Q=Open(*2 I/O)
6
9
CLK=0.1VCC/0.9VCC at
120MHZ,Q=Open(*2 I/O)
10
15
ICC4
Operating Current(PP)
CS#=VCC
10
20
mA
ICC5 Operating Current(WRSR)
CS#=VCC
10
20
mA
ICC6
Operating Current(SE)
CS#=VCC
10
20
mA
ICC7
Operating Current(BE)
CS#=VCC
10
20
mA
VIL
Input Low Voltage
-0.5
0.2VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL=1.6mA
0.4
V
VOH
Output High Voltage
IOH=-100uA
VCC-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37