công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE25AB400GFMTH bảng dữ liệu(PDF) 17 Page - ACE Technology Co., LTD.

tên linh kiện ACE25AB400GFMTH
Giải thích chi tiết về linh kiện  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMTH bảng dữ liệu(HTML) 17 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AB400GFMTH Datasheet HTML 21Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
17
64KB Block Erase (BE) (D8H)
The 64KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit. The
64KB Block Erase (BE) command is entered by driving CS# low, followed by the command code, and
three address bytes on SI. Any address inside the block is a valid address for the 64KB Block Erase (BE)
command. CS# must be driven low for the entire duration of the sequence.
The 64KB Block Erase command sequence: CS# goes low→sending 64KB Block Erase command→
3-byte address on SI→CS# goes high. The command sequence is shown in Figure12. CS# must be
driven high after the eighth bit of the last address byte has been latched in; otherwise the 64KB Block
Erase (BE) command is not executed. As soon as CS# is driven high, the self-timed Block Erase cycle
(whose duration is tBE) is initiated. While the Block Erase cycle is in progress, the Status Register may be
read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Block Erase cycle, and is 0 when it is completed. Write Enable Latch (WEL) bit is reset t. A
64KB Block Erase (BE) commands applied to a block which is protected by the Block Protect (BP1, BP0)
bits (see Table1) will not be executed. Note: Power disruption during erase operation will cause
incomplete erase, thus recommend performing a re-erase once power resume.
Figure12. 64KB Block Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37