công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCMD3140IRTER bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCMD3140IRTER
Giải thích chi tiết về linh kiện  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140IRTER bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button PCMD3140IRTER Datasheet HTML 35Page - Texas Instruments PCMD3140IRTER Datasheet HTML 36Page - Texas Instruments PCMD3140IRTER Datasheet HTML 37Page - Texas Instruments PCMD3140IRTER Datasheet HTML 38Page - Texas Instruments PCMD3140IRTER Datasheet HTML 39Page - Texas Instruments PCMD3140IRTER Datasheet HTML 40Page - Texas Instruments PCMD3140IRTER Datasheet HTML 41Page - Texas Instruments PCMD3140IRTER Datasheet HTML 42Page - Texas Instruments PCMD3140IRTER Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
7.3.6.7.2.2 Sampling Rate: 22.05 kHz to 24 kHz
Figure 7-39 shows the magnitude response and Figure 7-40 shows the pass-band ripple and phase deviation
for a decimation filter with a sampling rate of 22.05 kHz to 24 kHz. Table 7-29 lists the specifications for a
decimation filter with a 22.05-kHz to 24-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D002
Figure 7-39. Low-Latency Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0
0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
D002
Pass-Band Ripple
Phase Deviation
Figure 7-40. Low-Latency Decimation Filter Pass-
Band Ripple and Phase Deviation
Table 7-29. Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.459 × fS
–0.01
0.01
dB
Stop-band attenuation
Frequency range is 0.6 × fS onwards
87.2
dB
Group delay or latency
Frequency range is 0 to 0.365 × fS
7.5
1/fS
Group delay deviation
Frequency range is 0 to 0.365 × fS
–0.026
0.026
1/fS
Phase deviation
Frequency range is 0 to 0.365 × fS
–0.26
0.30
Degrees
7.3.6.7.2.3 Sampling Rate: 29.4 kHz to 32 kHz
Figure 7-41 shows the magnitude response and Figure 7-42 shows the pass-band ripple and phase deviation for
a decimation filter with a sampling rate of 29.4 kHz to 32 kHz. Table 7-30 lists the specifications for a decimation
filter with a 29.4-kHz to 32-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D002
Figure 7-41. Low-Latency Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0
0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
D002
Pass-Band Ripple
Phase Deviation
Figure 7-42. Low-Latency Decimation Filter Pass-
Band Ripple and Phase Deviation
www.ti.com
PCMD3140
SBASA64A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com