công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3461T-E/ST bảng dữ liệu(PDF) 76 Page - Microchip Technology

tên linh kiện MCP3461T-E/ST
Giải thích chi tiết về linh kiện  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461T-E/ST bảng dữ liệu(HTML) 76 Page - Microchip Technology

Back Button MCP3461T-E/ST Datasheet HTML 72Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 73Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 74Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 75Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 76Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 77Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 78Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 79Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
MCP3461/2/4
DS20006180D-page 76
 2019-2021 Microchip Technology Inc.
6.8.4
CRCCFG ERROR INTERRUPT
The CRCCFG interrupt happens when an error in the
CRC-16 checksum has been detected in the register
map CRC calculation.
This interrupt is implemented with three different and
independent mechanisms: STATUS byte on SDO, IRQ
register Status bit and IRQ pin state.
6.8.4.1
STATUS Byte on SDO
When the CRCCFG error happens, on the next STATUS
byte transmitted on SDO, the CRCCFG_STATUS bit will
be logic low. Once the STATUS byte has been transmit-
ted, the CRCCFG_STATUS bit will then appear as ‘1’
until a new interrupt occurs. If between two STATUS byte
transmissions, the error is detected once again, the
CRCCFG_STATUS bit on SDO will appear as equal to
‘0’ on the second reading.
6.8.4.2
IRQ Register Status Bit
When
the
CRCCFG
error
happens,
the
CRCCFG_STATUS bit in the IRQ register will be set to
‘0’. Once the IRQ register has been fully read, this
CRCCFG_STATUS bit will be reset back to ‘1’. If
between two readings of the IRQ register, the
CRCCFG error happens once again, the IRQ register
Status bit will appear as ‘0’ on the second reading.
6.8.4.3
IRQ Pin State
The CRCCFG error generates a Logic Low state on the
IRQ pin until it is cleared. The clearing of the CRCCFG
error can only be made by “unlocking” the device (by
writing 0xA5 in the LOCK[7:0] register or by sending a
Fast
command
start/restart ADC
conversion).
Unlocking the device stops the CRC calculation and
clears the associated interrupt. Sending an ADC
start/restart conversion Fast command resets the CRC
calculation and clears the interrupt as well.
This CRCCFG error can only happen in case of an
external perturbation (for example, EMI induced) that
would cause the continuous calculation of the CRC on
the register map to be erroneous or in the case that the
chip integrity has been altered. Since both causes are
high-priority issues, the CRCCFG error takes priority
over all other interrupts (except POR) and over the
MDAT output on the IRQ pin.
Note:
If MCLK is running before the device has
been locked, an interrupt can momentarily
occur even if registers have not been
corrupted. In such a case, the user needs
to send a start/restart conversion Fast
command, which will clear the unwanted
interrupt and correctly restart the CRC
calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com