công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3461T-E/ST bảng dữ liệu(PDF) 68 Page - Microchip Technology

tên linh kiện MCP3461T-E/ST
Giải thích chi tiết về linh kiện  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461T-E/ST bảng dữ liệu(HTML) 68 Page - Microchip Technology

Back Button MCP3461T-E/ST Datasheet HTML 64Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 65Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 66Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 67Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 68Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 69Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 70Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 71Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
MCP3461/2/4
DS20006180D-page 68
 2019-2021 Microchip Technology Inc.
If the COMMAND byte defines a static read of the
ADCDATA register (address: 0x0), the ADC data will be
present on SDO and will be updated continuously at
each read. In this case, when a data ready interrupt
happens within a read, the data are not corrupted and
will be updated to a new value after the old value has
been completely read. The ADC register contains a
double buffer that prevents data from being corrupted
while reading them. The part will be able to stream out-
put data continuously, with no additional command, if
the communication is not stopped with a CS rising
edge. Figure 6-10 represents the continuous streaming
of incoming ADCDATA, through the SPI port, with both
SPI Modes 0,0 and 1,1.
FIGURE 6-10:
Continuous ADC Read (Data Streaming) with SPI Mode 0,0 and 1,1.
Don’t Care
Don’t Care
SPI Mode 0,0; ADC Data Format: 32-Bit
Don’t care
SCK
SDI
SDO
CS
DATA0[31]
Hi-Z
Device Latches SDI on Rising Edge
Device Latches SDO on Falling Fdge
Don’t Care
Hi-Z
Device Latches SDI on Rising Edge
Device Latches SDO on Falling Edge
R/W
Don’t care
SCK
SDI
SDO
CS
Don’t Care
SCK
SDI
SDO
CS
IRQ
DATA1[31]
DATA0[31]
The Falling Edge After Read Start
Clears the DR Interrupt on IRQ Pin
SD OChanges Synchronously with the IRQ
Falling Edge (DR interrupt flag)
only when MS b is Present on SDO
DR Interrupt
(DATA1 is ready)
The Falling Edge After Read Start
Clears the DR Interrupt on IRQ Pin
DATA0[0]
SPI Mode 1,1; ADC Data Format: 32-Bit
IRQ
Read Start
Read Start
Read Start
Read Start
DR Interrupt
(DATA1 is ready)
The Falling Edge After Read Start
Clears the DR Interrupt on IRQ Pin
The Falling Edge After Read Start Clears the DR
Interrupt on IRQ Pin
timing> tDOD R
timing> tDOD R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com