| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP3564-E/ST bảng dữ liệu(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3564-E/ST bảng dữ liệu(HTML) 47 Page - Microchip Technology |
|
47 / 108 page ![]() 2019-2021 Microchip Technology Inc. DS20006181C-page 47 MCP3561/2/4 5.10 ADC Start-up Timer The device includes an intelligent start-up timer circuit for the ADC, which ensures that the ADC is properly biased and that internal nodes are properly settled before each conversion. This timer ensures the proper conditions for the ADC to convert with its full accuracy for each conversion. The ADC can operate in three different modes: ADC Shutdown, Standby and Conversion, as described in Section 5.8 “ADC Operating Modes”. The ADC start-up timer manages the time for the transitions between each mode. These transitions can be instantaneous or can take a maximum of 256 DMCLK periods, depending on the type of transition, and the current status of the ADC and of the internal start-up timer. The timer will always try to reduce the transition time from one state to another, but will also allow enough time for the internal circuitry to settle to the proper internal operating points. The transitions from Standby or Conversion mode to ADC Shutdown mode are always immediate. They reset the internal start-up timer to 256 DMCLK periods (TADC_SETUP). The transitions from ADC Shutdown to Standby or Conversion mode start the internal start-up timer that decrements from 256 to 0. The timer only decrements after a small delay of two MCLK periods in case of a transition caused by an SPI command. This small delay is necessary to overcome any possible synchronization issue between the two asynchronous clocks: MCLK and SCK. The timer will immediately decrement (without the synchronization delay) if the transitions are generated by the internal state machine (for example, when the transitions are generated by the scan sequence). Once the timer reaches 0 (when the user has clocked 256 DMCLK periods), the device reaches its internal proper operating points and will either stay in Standby mode (if ADC_MODE[1:0] = 10) or start the Conversion mode (if ADC_MODE[1:0] = 11). The transition from Standby to Conversion mode and vice versa is immediate once the timer has reached 0 (if ADC_MODE[1:0] = 11). If the transition from Standby to Conversion mode occurs, and if the timer has not yet reached 0, the timer will continue to decrement to 0 before effectively starting the conversion. The timer cannot decrement faster than 256 DMCLK periods when the ADC transitions from ADC Shutdown mode to Conversion mode (from ADC Shutdown mode, the ADC is allowed 256 DMCLK periods to power-up and settle to its desired operating point before starting conversions). The start-up time has been sized at 256 DMCLK clock periods for the part to be able to settle in all conditions and with all possible clock frequencies as specified. Table 5-11 summarizes the behavior of the internal start-up timer as a function of the ADC_MODE[1:0] settings. Rewriting ADC_MODE[1:0] bits without changing the bit settings does not modify the internal timer and cannot shorten the start-up delay necessary to start accurate conversions. A synchronization delay of two MCLK periods occurs after each rewrite if ADC_MODE[1:0] = 1x. In SCAN mode, when CONV_MODE[1:0] = 11 (Contin- uous mode), the ADC may be placed in ADC Shutdown mode and restarted in between each scan cycle depending on the TIMER[23:0] settings (see Section 5.14.5 “Delay Between Scan Cycles (TIMER[23:0])”). If the TIMER register is programmed with a decimal code greater than TADC_SETUP = 256, the internal timer will automatically place the part in ADC Shutdown mode at the end of the cycle and will start to transition to the next cycle 256 DMCLK periods before the end of the TIMER delay. This lowers the power consumed during the TIMER delay as much as possible. If the value of the TIMER delay is less than 256 DMCLK periods, the part will not enter ADC Shutdown mode and stay in Standby during the TIMER delay (in this case the power consumed is equivalent to the Conversion mode power consumption). In order to catch the start of the conversion in case of complex sequences of transitions, it can be useful to enable the EN_STP bit so that the part will generate a pulse on the IRQ pin to indicate a conversion start. Figure 5-10 shows different cases of transitions between modes and shows the internal state of the start-up timer for each step. TABLE 5-11: ADC START-UP TIMER BEHAVIOR AS A FUNCTION OF ADC_MODE[1:0] SETTINGS ADC_MODE[1:0] ADC State ADC Start-up Timer Behavior 11 Conversion The ADC start-up timer decrements to 0. The conversion starts when it reaches 0. 10 Standby The ADC start-up timer decrements to 0. The ADC is ready to convert when it reaches 0. 0x ADC Shutdown ADC start-up timer is reset to TADC_SETUP = 256. |