công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPTP bảng dữ liệu(PDF) 80 Page - Texas Instruments

tên linh kiện TMS320F28375DPTP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPTP bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TMS320F28375DPTP Datasheet HTML 76Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 77Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 78Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 79Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 80Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 81Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 82Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 83Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 226 page
background image
8.9.8.3 Low-Power Mode Wakeup Timing
Section 8.9.8.3.1 shows the IDLE mode timing requirements, Section 8.9.8.3.2 shows the switching
characteristics, and Figure 8-17 shows the timing diagram for IDLE mode.
8.9.8.3.1 IDLE Mode Timing Requirements
MIN
MAX
UNIT(1)
tw(WAKE)
Pulse duration, external wake-up signal
Without input qualifier
2tc(SYSCLK)
cycles
With input qualifier
2tc(SYSCLK) + tw(IQSW)
(1)
For an explanation of the input qualifier parameters, see Section 8.9.6.2.1.
8.9.8.3.2 IDLE Mode Switching Characteristics
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td(WAKE-IDLE)
Delay time, external wake signal to program execution resume (2)
cycles
•
Wakeup from Flash
–
Flash module in active state
Without input qualifier
40tc(SYSCLK)
With input qualifier
40tc(SYSCLK) + tw(WAKE)
•
Wakeup from Flash
–
Flash module in sleep state
Without input qualifier
6700tc(SYSCLK) (3)
With input qualifier
6700tc(SYSCLK) (3) + tw(WAKE)
•
Wakeup from RAM
Without input qualifier
25tc(SYSCLK)
With input qualifier
25tc(SYSCLK) + tw(WAKE)
(1)
For an explanation of the input qualifier parameters, see Section 8.9.6.2.1.
(2)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered
by the wake-up signal) involves additional latency.
(3)
This value is based on the flash power-up time, which is a function of the SYSCLK frequency, flash wait states (RWAIT), and
FPAC1[PSLEEP]. For more information, see the Flash and OTP Power-Down Modes and Wakeup section of the TMS320F2837xD
Dual-Core Microcontrollers Technical Reference Manual . This value can be realized when SYSCLK is 200 MHz, RWAIT is 3, and
FPAC1[PSLEEP] is 0x860.
WAKE
(A)
XCLKOUT
Address/Data
(internal)
t
w(WAKE)
t
d(WAKE-IDLE)
A. WAKE can be any enabled interrupt, WDINT or XRS. After the IDLE instruction is executed, a delay of five OSCCLK cycles (minimum) is
needed before the wake-up signal could be asserted.
Figure 8-17. IDLE Entry and Exit Timing Diagram
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
80
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com