công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPTP bảng dữ liệu(PDF) 75 Page - Texas Instruments

tên linh kiện TMS320F28375DPTP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPTP bảng dữ liệu(HTML) 75 Page - Texas Instruments

Back Button TMS320F28375DPTP Datasheet HTML 71Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 72Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 73Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 74Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 75Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 76Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 77Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 78Page - Texas Instruments TMS320F28375DPTP Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 226 page
background image
8.9.6.2 GPIO - Input Timing
Section 8.9.6.2.1 shows the general-purpose input timing requirements. Figure 8-13 shows the sampling mode.
8.9.6.2.1 General-Purpose Input Timing Requirements
MIN
MAX
UNIT
tw(SP)
Sampling period
QUALPRD = 0
1tc(SYSCLK)
cycles
QUALPRD ≠ 0
2tc(SYSCLK) * QUALPRD
cycles
tw(IQSW)
Input qualifier sampling window
tw(SP) * (n(1) – 1)
cycles
tw(GPI) (2)
Pulse duration, GPIO low/high
Synchronous mode
2tc(SYSCLK)
cycles
With input qualifier
tw(IQSW) + tw(SP) + 1tc(SYSCLK)
cycles
(1)
"n" represents the number of qualification samples as defined by GPxQSELn register.
(2)
For tw(GPI), pulse width is measured from VIL to VIL for an active low signal and VIH to VIH for an active high signal.
GPIO Signal
1
Sampling Window
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
SYSCLK
(A)
GPxQSELn = 1,0 (6 samples)
(D)
Output From
Qualifier
QUALPRD = 1
(SYSCLK/2)
t
w(IQSW)
t
w(SP)
(SYSCLK cycle * 2 * QUALPRD) * 5
(C)
Sampling Period determined
by GPxCTRL[QUALPRD]
(B)
A. This glitch will be ignored by the input qualifier. The QUALPRD bit field specifies the qualification sampling period. It can vary from 00 to
0xFF. If QUALPRD = 00, then the sampling period is 1 SYSCLK cycle. For any other value "n", the qualification sampling period in 2n
SYSCLK cycles (that is, at every 2n SYSCLK cycles, the GPIO pin will be sampled).
B. The qualification period selected through the GPxCTRL register applies to groups of 8 GPIO pins.
C. The qualification block can take either three or six samples. The GPxQSELn Register selects which sample mode is used.
D. In the example shown, for the qualifier to detect the change, the input should be stable for 10 SYSCLK cycles or greater. In other words,
the inputs should be stable for (5 x QUALPRD x 2) SYSCLK cycles. This would ensure 5 sampling periods for detection to occur.
Because external signals are driven asynchronously, an 13-SYSCLK-wide pulse ensures reliable recognition.
Figure 8-13. Sampling Mode
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com