| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H723VGH6 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H723VGH6 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 227 page ![]() DS13313 Rev 2 39/227 STM32H723xE/G Functional overview 52 3.30 True random number generator (RNG) The RNG is a true random number generator that provides full entropy outputs to the application as 32-bit samples. It is composed of a live entropy source (analog) and an internal conditioning component. The RNG can be used to construct a Non-deterministic Random Bit Generator (NDRBG), as a NIST SP 800-90B compliant entropy source. The RNG true random number generator has been tested using German BSI statistical tests of AIS-31 (T0 to T8), and NIST SP800-90B statistical test suite. |