| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H723VGH6 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H723VGH6 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 227 page ![]() DS13313 Rev 2 13/227 STM32H723xE/G Introduction 52 1 Introduction This document provides information on STM32H723xE/G microcontrollers, such as description, functional overview, pin assignment and definition, packaging, and ordering information. This document should be read in conjunction with the STM32H723xE/G reference manual (RM0468), available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M7 core, refer to the Cortex®-M7 Technical Reference Manual, available from the http://www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |